Part Number Hot Search : 
7805ACD 18LF2 CY25402 A2003G LYH1006 MRF7P20 IRPLDIM3 1N338
Product Description
Full Text Search
 

To Download SMAJ150A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR SMAJ5.0A~170CA
400W Surface Mount Transient Voltage Suppressor
Features
Stand-off voltage from 5.0 to 170 volts 400W Peak Pulse Power capability on 10/1000 s waveform repetition rate(duty cycle): 0.01% Ideal for ESD protection of data lines in accordance with IEC 1000-4-2 (IEC801-2) Ideal for EFT protection of data lines in accordance with IEC 1000-4-4 (IEC801-4) Fast response time: typically less than 1.0ps from 0v to VBR Low incremental surge resistance, excellent clamping capability Typical IR less than 1 uA above 10V High temperature soldering guaranteed: 250C/10 seconds at terminals This series is UL recognized under component index. File number E315008 RoHS Compliant SMA
Maximum Ratings (T Ambient=25C unless noted otherwise)
Symbol V WM PPPM IPPM PM(AV) IFSM VF Description
Stand-Off Voltage Peak Pulse Power Dissipation on 10/1000 us waveform Peak Pulse current on 10/1000 us waveform Steady State Power Dissipation Peak Forward Surge Current Maximum Instantaneous Forward Voltage Operating Junction and Storage
Value
5.0 to 170 Minimum 400 See Table 1.0 40.0 3.5 -55 to 150
Unit
V W A W A V C
Conditions
Non-repetitive current pulse Non-repetitive current pulse At TL(Lead Temperature)=75C (Note 1) 8.3ms single half sine-wave superimposed on rated load (uni-direction only), TL=75C 8.3ms single half sine-wave (uni-direction only), TL=75C
TJ,TSTG Temperature Range
Note: (1) Mounted on copper pad area of 0.2" x 0.2" (5.0mmx5.0mm).
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-247-2232 Fax: (800)-TAITFAX (800)-TAITRON (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. D/AH 2007-08-01 Page 1 of 6
400W Surface Mount Transient Voltage Suppressor SMAJ5.0A~170CA
Mechanical Data
Case: Epoxy: Terminals: Polarity: Mounting position: Weight: JEDEC DO-214AC molded plastic Meets UL 94V-0 flammability rating Plated axial leads, solderable per MIL-STD-750, Method 2026 Cathode indicated by color band Any 0.002 ounces, 0.064 gram
Electrical Characteristics (T Ambient=25C unless noted otherwise)
Device Marking Code Stand-Off Voltage Breakdown Voltage @ Test Current Max. Clamping Voltage @ Max. Peak Pulse Current Max. Reverse Leakage Current @ V WM
P/N (note1)
V BR IT(mA) V WM (V)
5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10 11 12 13 14 15 16 17 Min. 6.4 6.67 7.22 7.78 8.33 8.89 9.44 10.0 11.1 12.2 13.3 14.4 15.6 16.7 17.8 18.9 Max. 7.08 7.37 7.98 8.6 9.21 9.83 10.4 11.1 12.3 13.5 14.7 15.9 17.2 18.5 19.7 20.9 1.0 1.0 1.0 1.0 10
IPPM VC (V)
9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6
Uni-Polar SMAJ5.0A SMAJ6.0A SMAJ6.5A SMAJ7.0A SMAJ7.5A SMAJ8.0A SMAJ8.5A SMAJ9.0A SMAJ10A SMAJ11A SMAJ12A SMAJ13A SMAJ14A SMAJ15A SMAJ16A SMAJ17A
Bi-Polar SMAJ5.0CA SMAJ6.0CA SMAJ6.5CA SMAJ7.0CA SMAJ7.5CA SMAJ8.0CA SMAJ8.5CA SMAJ9.0CA SMAJ10CA SMAJ11CA SMAJ12CA SMAJ13CA SMAJ14CA SMAJ15CA SMAJ16CA SMAJ17CA
Uni AE AG AK AM AP AR AT AV AX AZ BE BG BK BM BP BR
Bi WE WG WK WM WP WR WT WV WX WZ XE XG XK XM XP XR
IPPM (A)
43.5 38.8 35.7 33.3 31.0 29.4 27.8 26.0 23.5 22.0 20.1 18.6 17.2 16.4 15.4 14.5
ID (A)
(note2)
800/1600 800/1600 500/1000 200/400 100/200 50/100 10/20 5/10 1/2
1.0
1.0
Rev. D/AH 2007-08-01 www.taitroncomponents.com Page 2 of 6
400W Surface Mount Transient Voltage Suppressor SMAJ5.0A~170CA
Electrical Characteristics (T Ambient=25C unless noted otherwise)
Device Marking Code Breakdown Voltage @ Test Current Max. Clamping Voltage @ Max. Peak Pulse Current Max. Reverse Leakage Current @ V WM
P/N
Stand-Off Voltage
V BR
Uni-Polar SMAJ18A SMAJ20A SMAJ22A SMAJ24A SMAJ26A SMAJ28A SMAJ30A SMAJ33A SMAJ36A SMAJ40A SMAJ43A SMAJ45A SMAJ48A SMAJ51A SMAJ54A SMAJ58A SMAJ60A SMAJ64A SMAJ70A SMAJ75A SMAJ78A SMAJ85A SMAJ90A Bi-Polar SMAJ18CA SMAJ20CA SMAJ22CA SMAJ24CA SMAJ26CA SMAJ28CA SMAJ30CA SMAJ33CA SMAJ36CA SMAJ40CA SMAJ43CA SMAJ45CA SMAJ48CA SMAJ51CA SMAJ54CA SMAJ58CA SMAJ60CA SMAJ64CA SMAJ70CA SMAJ75CA SMAJ78CA SMAJ85CA SMAJ90CA Uni BT BV BX BZ CE CG CK CM CP CR CT CV CX CZ RE RG RK RM RP RR RT RV RX Bi XT XV XX XZ YE YG YK YM YP YR YT YV YX YZ ZE ZG ZK ZM ZP ZR ZT ZV ZX
IPPM IT(mA)
V WM (V)
18 20 22 24 26 28 30 33 36 40 43 45 48 51 54 58 60 64 70 75 78 85 90
Min. 20.0 22.2 24.4 26.7 28.9 31.1 33.3 36.7 40.0 44.4 47.8 50.0 53.3 56.7 60.0 64.4 66.7 71.1 77.8 83.3 86.7 94.4 100
Max. 22.1 24.5 1.0 26.9 29.5 31.9 34.4 1.0 36.8 40.6 44.2 49.1 1.0 52.8 55.3 58.9 62.7 1.0 66.3 71.2 73.7 78.6 1.0 86.0 92.1 95.8 104 111 1.0
VC (V)
29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103.0 113.0 121.0 126.0 137.0 146.0
IPPM (A)
13.7 12.3
ID (A)
1.0 11.3 10.3 9.5 8.8 8.3 7.5 6.9 6.2 1.0 5.8 5.5 5.2 4.9 1.0 4.6 4.3 4.1 3.9 1.0 3.5 3.3 3.2 2.9 2.7 1.0 1.0
Rev. D/AH 2007-08-01 www.taitroncomponents.com Page 3 of 6
400W Surface Mount Transient Voltage Suppressor SMAJ5.0A~170CA
Electrical Characteristics (T Ambient=25C unless noted otherwise)
Device Marking Code Stand-Off Voltage Breakdown Voltage @ Test Curr. Max. Clamping Vltg. @ Max. Peak Pulse Current Max. Reverse Leakage Current @ V WM
P/N
V BR
Uni-Polar SMAJ100A SMAJ110A SMAJ120A SMAJ130A SMAJ150A SMAJ160A SMAJ170A Bi-Polar SMAJ100CA SMAJ110CA SMAJ120CA SMAJ130CA SMAJ150CA SMAJ160CA SMAJ170CA Uni RZ SE SG SK SM SP SR Bi ZZ VE VG VK VM VP VR
IPPM IT(mA) VC (V)
162.0 177.0 1.0 193.0 209.0 243.0 1.0 259.0 275.0
V WM (V)
100 110 120 130 150 160 170
Min. 111 122 133 144 167 178 189
Max. 123 135 147 159 185 197 209
IPPM (A)
2.5 2.3
ID (A)
1.0 2.1 1.9 1.6 1.5 1.4 1.0
Note: 1. For parts with suffix A, the V BR is +/- 5%. 2. For Bi-directional type having VWM of 10V or less, the ID limit is double.
Typical Characteristics Curves
PPPM Peak Pulse Power Dissipation (KW)
Fig.1- Peak Pulse Power Rating Curve
Pulse Width td
PPPM OR IPPM (%)
Ambient Temperature Ta (C) Rev. D/AH 2007-08-01
www.taitroncomponents.com
Page 4 of 6
400W Surface Mount Transient Voltage Suppressor SMAJ5.0A~170CA
Fig.4- Max. Non-Repetitive Forward Surge Current Uni-directional only
Fig.3- Pulse Waveform
Time t (ms)
IFSM Peak Forward Surge Current (A)
IPPM Peak Pulse current (%)
Number of Cycles at 60Hz
Fig.5- Steady State Power Derating Curve
Fig.6- Capacitance
PM(AV) Steady State Power Dissipation
CJ Capacitance (pF)
(Watts)
10
Lead Temperature TL (C)
Breakdown Voltage (VBR)
Rev. D/AH 2007-08-01 www.taitroncomponents.com Page 5 of 6
400W Surface Mount Transient Voltage Suppressor SMAJ5.0A~170CA
Dimensions
SMA DO214AC
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 247-2232 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. D/AH 2007-08-01 www.taitroncomponents.com Page 6 of 6


▲Up To Search▲   

 
Price & Availability of SMAJ150A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X